Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG3019 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3019
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3019 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG3019 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCG3019
N-Channel Enhancement MOSFET
Elektronische Bauelemente
04-May-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-523
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low on-resistance.
Fast switching speed.
Low voltage drive makes this device ideal for portable equipment.
Easily designed drive circuits.
Easy to parallel.
EQUIVALENT CIRCUIT
MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
0.1
A
Total Power Dissipation
PD
0.15
W
Operating Junction Temperature Range
TJ
150
°C
Operating Storage Temperature Range
TSTG
-55~150
°C
Thermal Resistance, Junction to Ambient
RθJA
833
°C / W
DEVICE MARKING
KN
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
K
0.30
0.50
B
0.75
0.95
M
---
10
o
C
0.60
0.80
N
---
10
o
D
0.23
0.33
S
1.50
1.70
G
0.50BSC
J
0.10
0.20


Similar Part No. - SCG3019

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3019 SECOS-SCG3019 Datasheet
329Kb / 3P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019_15 Datasheet
329Kb / 3P
N-Channel Enhancement MOSFET
More results

Similar Description - SCG3019

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
SI2328DS KEXIN-SI2328DS Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com