Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK130LP Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCK130LP
Description  1.0AMP Low Vf Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCK130LP Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCK130LP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCK130LP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCK130LP
VOLTAGE 30V
1.0AMP Low Vf Schottky Barrier Rectifiers
High C urrent C apability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
.
...
.
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
-50
+125
-65
+150
UNITS
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
SCK130LP
30
V
Working Peak Reverse Voltage
Maximum DC Blocking Voltag
30
V
Average Forward Current (I
@ T =90 C)
Reak Forward Current (I
@ 8.3ms half sine)
Maximum Instantaneous Forward Voltage
(V @I
= 1.0A , T = 25 C)
Maximum DC Reverse Current
At Rated DC Blocking Voltage (I @ T = 25 C)
Typical Junction Capacitance (C )
1.0
10
0.43
0.1
60
A
A
V
mA
pF
F(AV)
FSM
J
F
FM
A
J
R
J
Operating Temperature Range TJ
Storage Temperature Range TSTG
C
C
Higher Temp Soldering : 250 C for 10 Seconds At Terminals
Marking Code : KB
30
01-Jun-2002 Rev.
B
Page 1 of 2
~
~
Any changing of specification will not be informed individual
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.35
------
0.053
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCK130LP

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK13013L THINKING-SCK13013L Datasheet
1Mb / 19P
Power Thermistor for Limiting Inrush Current
SCK13013M THINKING-SCK13013M Datasheet
1Mb / 19P
Power Thermistor for Limiting Inrush Current
SCK13013N THINKING-SCK13013N Datasheet
1Mb / 19P
Power Thermistor for Limiting Inrush Current
More results

Similar Description - SCK130LP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
1.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS12T LUGUANG-SS12T Datasheet
1Mb / 3P
1.0AMP. Low VF Schottky Barrier Rectifiers
Revision:20181014-P1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com