Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202NF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202NF
Description  Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202NF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202NF_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202NF_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS202NF
80 V, 300 mA
Plastic-Encapsulated, Dual Series Chips
Small Signal Switching Diode
01-April-2009 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Ultra high speed switching
High reliability
Suitable for high packaging density layout
Fast reverse recovery time : trr = 1.5ns (typ.)
Construction: silicon epitaxial planar
PACKAGING INFORMATION
Four types of packaging are available
Weight: 0.0078 g (Approx.)
MARKING CODE
N , A3
ABSOLUTE MAXIMUM RATINGS (each diode)
Parameter
Symbol
Ratings
Unit
Peak Reverse Voltage
VRM
80
V
DC Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current 1
μS
ISURGE
4
A
Total Power Dissipation
PD
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)(each diode)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
-
1.2
V
IF = 100 mA
Reverse Voltage Leakage Current
IR
-
-
0.1
μA
VR = 70V
Diode Capacitance
CT
-
-
3.5
pF
VR = 6 V, f = 1 MHz
Reverse Recovery Time
TRR
-
-
4.0
nS
VR = 6 V, IF = 5 mA
Notes: 1. FR–5 = 1.0 X 0.75 X 0.062 in.
2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
F
0.20
0.40
B
2.15
2.45
G
-
-
C
1.15
1.35
H
0.525 REF.
D
0.90
1.10
J
0.08
0.15
E
1.20
1.40


Similar Part No. - SCS202NF_09

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202NF SECOS-SCS202NF_15 Datasheet
190Kb / 2P
Small Signal Switching Diode
More results

Similar Description - SCS202NF_09

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com