Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202NF Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202NF
Description  Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202NF Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS202NF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202NF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS202NF
80 V, 300 mA
Plastic-Encapsulated, Dual Series Chips
Small Signal Switching Diode
01-April-2009 Rev. B
Page 2 of 2
CHARACTERISTIC CURVES
SCS202NF
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE :Ta (ºC)
Fig.1 Power attenuation curve
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2 0.4 0.6 0.8 1.0 1.2
0ºC
30ºC
Ta=85ºC
50ºC
25ºC
1.4 1.6
FORWARD VOLTAGE : VF
(V)
Fig.3 Forward characteristics
REVERSE VOLTAGE : VR
(V)
Fig.4 Reverse characteristics
0.01
100
1000
10
0.1
1
10
20
30
40
80
70
60
50
0
Ta
=100°C
75
°C
50
°C
25
°C
25
°C
0
°C
0
0
4
2
2
4
6
8
10 12 14 16
f=1MHz
REVERSE VOLTAGE : VR
(V)
18 20
Fig.5 Capacitance between
terminals characteristics
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
VR
=6V
FORWARD CURRENT : IF
(mA)
Fig.2 Reverse recovery time
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01μF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Fig.6 Reverse recovery time (trr) measurement circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com