Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS400G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS400G
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS400G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS400G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS400G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS400G
0.1 A , 90 V
Surface Mount Switching Diode
20-Jan-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small surface mounting type.
High speed.
High reliability with high surge current handling capability
MECHANICAL DATA
Case: SOD-723, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Mounting Position: Any
MARKING CODE
Part Number
Marking Code
SCS400G
7
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-723
8K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak reverse voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Peak Forward Current
IFM
225
mA
Mean rectifying current
IO
100
mA
Peak Forward Surge Current, 1 second single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
500
mA
Maximum Instantaneous Forward Voltage @ IF=100mA
VF
1.2
V
Maximum DC Reverse Current @ VR=80V, TA=25°C
IR
0.1
μA
Capacitance between terminals @ VR=0.5V, f=1MHz
CT
3
pF
Reverse recovery time @ VR=6V, IF=10mA, RL=100Ω
TRR
4
nS
Operating Temperature Range
TJ
125
°C
Storage temperature
TSTG
-55 ~ 125
°C
Notes:
1.
ESD sensitive product handling required.
SOD-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.300
1.500
D
0.800
1.100
B
0.550
0.650
E
0.250
0.350
C
0.515
0.650
F
0.080
0.150
E
F
B
C
D
A


Similar Part No. - SCS400G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS400G SECOS-SCS400G Datasheet
191Kb / 2P
Surface Mount Switching Diode
SCS400G SECOS-SCS400G_15 Datasheet
328Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - SCS400G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com