Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS401D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS401D
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS401D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS401D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS401D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS401D
0.2 A, 30 V
Surface Mount Schottky Barrier Rectifier
17-Nov-2009 Rev. A
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Circuit
05H
Marking
K
NC
A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS401D is high frequency rectification for switching power supply
MARKING CODE
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
21
V
Maximum DC Blocking Voltage
VDC
30
V
Peak Forward Surge Current at 8.3 m Sec single half sine-wave
IFSM
3.0
A
Typical Junction Capacitance between Terminal
1
CJ
40
pF
Maximum Average Forward Rectified Current
IO
0.2
A
Total Power Dissipation
PD
225
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
PARAMETERS
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
Reverse Breakdown Voltage
V(BR)R
30
-
V
IR = 100
µA
Maximum Instantaneous Forward Voltage
VF
-
500
mV
IF = 200mA
-
50
µA
VR1 = 10V
Maximum Average Reverse Current
IR
100
µA
VR2 = 30V
Note: 1. Measured at 1.0MHz and0 reverse bias voltage.
2. ESD sensitive product handling required.
SC-59
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50


Similar Part No. - SCS401D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS401D SECOS-SCS401D_15 Datasheet
289Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SCS401D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com