Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS401SDF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS401SDF
Description  Small Signal Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS401SDF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS401SDF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS401SDF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS401SDF
VOLTAGE 30 V, 0.2 A
Small Signal Schottky Barrier Diode
26-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS401SDF is high frequency rectification for switching power supply.
MARKING: 05H
MAXIMUM RATINGS(TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
21
V
Maximum DC Blocking Voltage
VDC
30
V
Peak Forward Surge Current at 8.3mSec Single Half Sine-Wave
IFSM
3.0
A
Typical Junction Capacitance between Terminal
1
CJ
40
pF
Maximum Average Forward Rectified Current
IO
0.2
A
Total Power Dissipation
PD
225
mW
Junction & Storage Temperature
TJ,TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
MIN
MAX
UNIT
TEST CONDITION
Reverse Breakdown Voltage
V(BR)R
30
-
V
IR=100
µA
Maximum Instantaneous Forward Voltage
VF
-
500
mV
IF=200mA
-
50
µA
VR1=10V
Maximum Average Reverse Current
IR
-
100
µA
VR2=30V
Note: 1. Measured at 1.0 MHz and 0 reverse bias voltage.
2. ESD sensitive product handling required.
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
2
NC
1
A
K
3
05H


Similar Part No. - SCS401SDF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS401SDF SECOS-SCS401SDF Datasheet
310Kb / 2P
Small Signal Schottky Barrier Diode
SCS401SDF SECOS-SCS401SDF_15 Datasheet
310Kb / 2P
Small Signal Schottky Barrier Diode
More results

Similar Description - SCS401SDF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
RB551V-40S2 CYSTEKEC-RB551V-40S2 Datasheet
137Kb / 4P
Small Signal Schottky Barrier diode
logo
SeCoS Halbleitertechnol...
SCS372F SECOS-SCS372F Datasheet
261Kb / 2P
Small Signal Schottky Barrier Diode
SCS420SDF SECOS-SCS420SDF Datasheet
403Kb / 2P
Small Signal Schottky Barrier Diode
SCS521G SECOS-SCS521G Datasheet
220Kb / 2P
Small Signal Schottky Barrier Diode
SCS402SDF SECOS-SCS402SDF_15 Datasheet
308Kb / 2P
Small Signal Schottky Barrier Diode
SCS411SDF SECOS-SCS411SDF_15 Datasheet
184Kb / 2P
Small Signal Schottky Barrier Diode
SCS420SDF SECOS-SCS420SDF_15 Datasheet
403Kb / 2P
Small Signal Schottky Barrier Diode
SCS421SDF SECOS-SCS421SDF_15 Datasheet
317Kb / 2P
Small Signal Schottky Barrier Diode
SCS521G SECOS-SCS521G_15 Datasheet
220Kb / 2P
Small Signal Schottky Barrier Diode
SCS705F SECOS-SCS705F_15 Datasheet
405Kb / 2P
Small Signal Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com