Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS481N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS481N
Description  VOLTAGE 30 V, 0.2 A Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS481N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS481N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
SCS481N
VOLTAGE 30 V, 0.2 A
Schottky Barrier Diode
17-Nov-2009 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
L
F
H
C
J
D G
K
A
E
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Low Current Rectification
♦
High Reliability
MARKING:3U
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUE
UNIT
Peak Reverse Voltage
VRM
30
V
DC Reverse
VR
30
V
Peak Forward Surge Current
IFSM
1
A
Mean Rectifying Current
IO
0.2
A
Junction & Storage Temperature
TJ,TSTG
125, -40~125
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNIT
TEST CONDITION
-
0.28
V
IF=1mA
-
0.33
V
IF=10mA
-
0.43
V
IF=100mA
Forward Voltage
VF
-
0.5
V
IF=200mA
Reverse Current
IR
-
30
µA
VR=10V
RATINGS AND CHARACTERISTIC CURVES
SOT-353
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
2
N/A
1
A
C
5
C
4
3
A


Similar Part No. - SCS481N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS481N SECOS-SCS481N_15 Datasheet
111Kb / 1P
Schottky Barrier Diode
More results

Similar Description - SCS481N

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAT54WAPT CHENMKO-BAT54WAPT Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54WCPT CHENMKO-BAT54WCPT Datasheet
856Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH351H-30PT CHENMKO-CH351H-30PT Datasheet
78Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH481KPT CHENMKO-CH481KPT Datasheet
64Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH483KPT CHENMKO-CH483KPT Datasheet
76Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH520G-30PT CHENMKO-CH520G-30PT Datasheet
266Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH520S-30PT CHENMKO-CH520S-30PT Datasheet
74Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH521G-30PT CHENMKO-CH521G-30PT Datasheet
912Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
logo
Nexperia B.V. All right...
1PS79SB30-Q NEXPERIA-1PS79SB30-Q Datasheet
173Kb / 7P
40 V, 0.2 A Schottky barrier diode
11 May 2022
1PS79SB30 NEXPERIA-1PS79SB30 Datasheet
778Kb / 7P
40 V, 0.2 A Schottky barrier diode
1 January 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com