Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS495D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS495D
Description  0.4 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS495D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS495D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS495D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS495D
VOLTAGE 40V
SC-59 Types
0.4 Amp Surface Mount Schottky Barrier Rectifiers
FEATURES
. RoHS Compliant Product
. Low Turn-on Voltage
. Fast Switching
. PN Junction Guard Ring for Transient and
ESD Protection
MECHANICAL DATA
. Case: SOT-346 (SC-59), Molded Plastic
. Terminals: Solderable per MIL-STD-202,
Method 208
. Polarity: See Diagrams Below
. Weight: 0.008 grams (approx.)
. Mounting Position:Any
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C
O
R
SYMBOL
)
PARAMETE
LIMITS
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
25
V
Mean Rectifying Current
*1
IO
0.4
A
Peak Forward Surge Current
*2
IFSM
2
A
Junction Temperature
TJ
125
Operating Temperature
TOPR
- 30 ~ + 85
Storage Temperature
TSTG
25 ± 5
Storage Humidity
RH
45 ± 5
%
*1 Mean Output Current Per Element: IO / 2
*2 60Hz for 1
ELECTRICAL CHARACTERISTICS ( Ta = 25
)
PARAMETER
SYMBOL
Min.
Typ.
Max.
UNIT
CONDITIONS
VF1
-
-
0.30
V
IF = 10 mA
Forward Voltage
VF2
-
-
0.50
V
IF = 200 mA
Reverse Current
IR
-
-
70
µA
VR = 25 V
Note) ESD Sensitive Product Handling Required.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dim
Min
Max
A
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.70
2.30
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.65
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
2
1
3
ANODE
1
2
ANODE
SCS495D Marking : D3Q, 04F
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS495D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS495D SECOS-SCS495D_15 Datasheet
157Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SCS495D

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM120M UNIOHM-SM120M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220B UNIOHM-SM220B Datasheet
67Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 UNIOHM-SM5817 Datasheet
62Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MSCD102 SECOS-MSCD102_15 Datasheet
177Kb / 3P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com