Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS520DS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS520DS
Description  0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS520DS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS520DS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS520DS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS520DS
0.1 A, 30 V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
11-Nov-2009 Rev. B
Page 1 of 2
2
2
2
2
Anode
1
1
1
1
Cathode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
●
Silicon epitaxial planar Schottky barrier Diodes
●
Small surface mounting type
●
High reliability
●
Low reverse current and low forward voltage
APPLICATION
●
High speed switching For Detection
●
For portable equipment:
(i.e. Mobile phone, MP3, MD,CD-ROM,
DVD-ROM, Note book PC, etc.)
PACKAGE INFORMATION
Weight: 0.0123 g (approximately)
MARKING CODE
Cathode -
E
+Anode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Single diode at T
A = 25°C)
Parameter
Symbol
Limits
Unit
DC Reverse Voltage
VR
30
V
Mean Rectifying Current
IO
100
mA
Peak Forward Surge Current
IFSM
500
mA
Junction, Storage Temperature
TJ, TSTG
+125, -40 ~ +125
℃
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
-
0.45
V
IF = 10mA
Reverse Current
IR
-
-
0.5
uA
VR = 10V
DFNWB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.55
0.65
E
0.15
0.35
B
0.95
1.05-
F
0.05REF
C
0.4
0.5
G
0.4
0.6
D
0
0.05
H
0.65TYP


Similar Part No. - SCS520DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS520DZ SECOS-SCS520DZ Datasheet
303Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS520DZ SECOS-SCS520DZ_15 Datasheet
313Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS520DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS520G SECOS-SCS520G_11 Datasheet
253Kb / 2P
0.1 A , 30 V Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_09 Datasheet
129Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN SECOS-SCS70DSTN Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF_15 Datasheet
233Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN-C SECOS-SCS40STN-C Datasheet
313Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS751U-C SECOS-SCS751U-C Datasheet
257Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com