Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS520G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS520G
Description  0.1 A , 30 V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS520G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS520G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS520G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS520G
0.1 A , 30 V
Schottky Barrier Rectifiers
20-Jan-2011 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Rectifying small power.
Ultra small mold type.
High reliability.
Silicon epitaxial planer.
MECHANICAL DATA
Case: SOD-723,Molded Plastic
Terminals: Solder per MIL-STD-202 Method 208
Mounting Position: Any
MARKING CODE
Part Number
Marking Code
SCS520G
E
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-723
8K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Reverse voltage
VRM
30
V
DC Reverse Voltage
VR
25
V
Mean Rectifying Current
IF
100
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
500
mA
Maximum Instantaneous Forward Voltage @ IF= 10mA
VF
0.45
V
Maximum DC Reverse Current @ VR = 10V, TA=25°C
IR
0.5
μA
Capacitance between terminals @ VR =10V, f=1MHz
CT
4
pF
Operating Temperature Range
TJ
125
°C
Storage temperature
TSTG
-40 ~ 125
°C
NOTES:
1.
ESD sensitive product handling required.
SOD-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.300
1.500
D
0.800
1.100
B
0.550
0.650
E
0.250
0.350
C
0.515
0.650
F
0.080
0.150
E
F
B
C
D
A


Similar Part No. - SCS520G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS520G SECOS-SCS520G Datasheet
296Kb / 2P
0.1 Amp Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers-30V
logo
CHENG-YI ELECTRONIC CO....
SCS520G CHENG-YI-SCS520G Datasheet
292Kb / 2P
0.1 Amp Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS520G SECOS-SCS520G_15 Datasheet
253Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS520G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
logo
SeCoS Halbleitertechnol...
SCS520DS SECOS-SCS520DS Datasheet
115Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_09 Datasheet
129Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0530P SECOS-SCS0530P Datasheet
270Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS0530V SECOS-SCS0530V Datasheet
269Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS500V SECOS-SCS500V_15 Datasheet
196Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
SCS501V SECOS-SCS501V_15 Datasheet
114Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
logo
NXP Semiconductors
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
logo
SeCoS Halbleitertechnol...
SCS501V-40 SECOS-SCS501V-40_15 Datasheet
122Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG3001EEF NEXPERIA-PMEG3001EEF Datasheet
230Kb / 12P
30 V, 0.1 A low VF MEGA Schottky barrier rectifier
17 September 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com