Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS705F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS705F
Description  VOLTAGE 40 V, 0.03 A Small Signal Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS705F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS705F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS705F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS705F
VOLTAGE 40 V, 0.03 A
Small Signal Schottky Barrier Diode
02-Dec-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SCS705F is designed for general purpose detection and high speed switching.
MARKING: KL5
MAXIMUM RATINGS(TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current at 8.3mSec Single Half Sine-Wave
IFSM
0.2
A
Typical Junction Capacitance between Terminal
1
CJ
2.0
pF
Maximum Average Forward Rectified Current
IO
0.03
A
Total Power Dissipation
PD
225
mW
Junction & Storage Temperature
TJ,TSTG
125, -40~125
°C
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TYP
UNIT
TEST CONDITION
Maximum Instantaneous Forward Voltage
VF
0.37
V
IF1=1mA
Maximum Average Reverse Current
IR
1.0
µA
VR=10V
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 1.0 volts.
2. ESD sensitive product handling required.
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
2
NC
1
A
K
3
KL5


Similar Part No. - SCS705F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS705F SECOS-SCS705F_15 Datasheet
405Kb / 2P
Small Signal Schottky Barrier Diode
More results

Similar Description - SCS705F

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH705DPT CHENMKO-CH705DPT Datasheet
493Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715FPT CHENMKO-CH715FPT Datasheet
259Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715MCPT CHENMKO-CH715MCPT Datasheet
81Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TAPT CHENMKO-CH715TAPT Datasheet
219Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TPT CHENMKO-CH715TPT Datasheet
217Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TSPT CHENMKO-CH715TSPT Datasheet
216Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH731UPT CHENMKO-CH731UPT Datasheet
160Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH741UPT CHENMKO-CH741UPT Datasheet
145Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH751H-40PT CHENMKO-CH751H-40PT Datasheet
69Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
logo
SeCoS Halbleitertechnol...
SCS751G SECOS-SCS751G_11 Datasheet
175Kb / 2P
0.03 A , 40 V Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com