Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP137AHVG Datasheet(PDF) 3 Page - Seme LAB

Part # IP137AHVG
Description  1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP137AHVG Datasheet(HTML) 3 Page - Seme LAB

  IP137AHVG Datasheet HTML 1Page - Seme LAB IP137AHVG Datasheet HTML 2Page - Seme LAB IP137AHVG Datasheet HTML 3Page - Seme LAB IP137AHVG Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Prelim. 7/00
IP137A SERIES
IP137A SERIES
IP337A SERIES
IP337A SERIES
LM137A SERIES
LM137A SERIES
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IOUT = 10mA
IOUT = 10mA to IMAX
VIN – VOUT = 3V to VMAX
P
£ PMAX
TJ = 0 to 125°C
VIN – VOUT = 3V to VMAX
TJ = 0 to 125°C
IOUT = 10mA to IMAX
VOUT £ 5V
VOUT ³ 5V
IOUT = 10mA to IMAX
VOUT £ 5V
TJ = 0 to 125°C
VOUT ³ 5V
tp = 10ms
TA = 25°C
CADJ = 0
VOUT = 10V
CADJ = 10mF
f = 120Hz
TJ = 0 to 125°C
TJ = 0 to 125°C
IOUT = 10mA to IMAX
TJ = 0
VIN – VOUT = 3V to 40V
to 125°C
VIN – VOUT = 3V to 50V
(HV SERIES)
VIN – VOUT £ 40V
TJ = 0 to 125°C
VIN – VOUT £ 10V
VIN – VOUT £ 15V
VIN – VOUT = 40V
TJ = 0 to 125°C
VIN – VOUT = 50V
(HV SERIES)
TJ = 0 to 125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
TA = 25°C
K Package
T Package
-1.213
-1.25
-1.287
-1.200
-1.250
-1.300
0.010
0.040
0.020
0.070
15
50
0.3
1
20
70
0.3
1.5
0.003
0.04
60
66
77
65
100
0.5
5
25
36
2.5
10
16
1.5
2.2
3.5
0.15
0.4
0.1
0.4
0.8
0.6
0.3
1
0.003
2.3
3
4
-1.238
-1.25
-1.262
-1.220
-1.25
-1.280
0.005
0.010
0.010
0.030
525
0.1
0.5
10
50
0.2
1
0.002
0.020
60
66
70
80
65
100
0.2
2
1.0
5
2.0
6
2.5
5
1.2
3
1.5
2.2
3.5
0.24
0.4
1
0.2
0.4
0.8
0.6
1.5
0.3
1
0.003
2.3
3
45
VREF
Reference Voltage
DVOUT
Line Regulation 1
DIOUT
DVOUT
Load Regulation 1
DIOUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
DIADJ
Adjust Pin Current
Change
IMIN
Minimum Load
Current
ICL
Current Limit
DVOUT Temperature
DTEMP Stability
DVOUT
Long Term Stability
DTIME
en
RMS Output Noise
(% of VOUT)
RqJC
Thermal Resistance
Junction to Case
IP337HV
IP337AHV
LM337HV
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
V
V
%/V
mV
%
mV
%
%/W
dB
dB
mA
mA
mA
A
%
%
%
°C/W
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications. Load regulation is measured at a point 1/8” from the bottom of
the package for the TO–3 and TO–66 packages, at the junction of the wide and narrow portion of the output lead for the SMD1
package, and 1/8” below the base of the package on the output pin of the TO–257 package.
2) Test Conditions unless otherwise stated: VIN – VOUT = 5V , IOUT = 0.5A , PMAX = 20W , IMAX = 1.5A
VMAX = 40V for standard series , 50V for HV series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com