Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD05C
Description  130W Bi-Direction Transient Voltage Suppressors Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD05C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD05C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD05C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD05
C
VOLTAGE: 5V
130W Bi-Direction Transient Voltage Suppressors Diode
ELECTRICAL CHARACTERISTICS ( T = 25
)
TYPE NUMBER
SYMBOL
Min.
Typ.
Max.
UNIT
TEST CONDITIONS
Reverse Stand-Off Voltage
VRWM
-
-
5
V
Reverse Breakdown Voltage
VBR
5.6
-
9.4
V
It = 1mA
Reverse Leakage Current
IR
-
-
90
nA
VRWM = 5V
-
-
10
IPP =
1A, t
P = 8 / 20 µs
Clamping Voltage
VC
-
-
14.5
V
IPP =
5A, t
P = 8 / 20 µs
Peak Pulse Current
IPP
-
-
5
A
tP = 8 / 20 µs
Junction Capacitance
Cj
-
25
45
pF
VR = 0V, f = 1MHz
ELECTRICAL CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
0.001
0.01
0.1
1
0.1
1
10
100
1000
Pulse Duration - tp (µs)
01-Jun-2007 Rev. B
Page 2 of 2
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Peak Pulse Current - IPP (A)
Waveform
Parameters
tr = 8µs
td = 20µs
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td =
20us
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
20
25
30
0
1
2
3
4
5
6
Peak Pulse Current - IPP (A)
Waveform
Parameters
tr = 8µs
td = 20µs
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td =20us



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com