Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF301C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF301C
Description  3.0 AMP High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF301C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF301C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF301C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF301C ~ SEF307C
VOLTAGE 50 ~ 1000 V
3.0 AMP High Efficiency Recovery Rectifiers
18-Dec-2009 Rev. B
Page 1 of 2
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Ideal for automated placement
Low reverse current
Fast reverse recovery time
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: DO-214AB (SMC)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead Free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.231 grams (approximately)
MAXIMUM RATINGS(TA=25°C unless otherwise specified)
PART NUMBERS
PARAMETER
SYMBOL
SEF
301C
SEF
302C
SEF
303C
SEF
304C
SEF
305C
SEF
306C
SEF
307C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
IF
3.0
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
80.0
A
Maximum Instantaneous Forward Voltage @ 3.0A
VF
1.0
1.3
1.7
V
TA=25°C
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=100°C
IR
100
µA
Maximum Reverse Recovery Time
TRR
50
75
nS
Typical Junction Capacitance
2
CJ
80
50
pF
Typical Thermal Resistance
1
R
θJA
70
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~150, -55~150
°C
Note:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Measured with IF =0.5A, IR =1A, IRR=0.25A
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - SEF301C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301C SECOS-SEF301C Datasheet
194Kb / 2P
3.0AMP High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
More results

Similar Description - SEF301C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301B SECOS-SEF301B_11 Datasheet
395Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B Datasheet
284Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SEF301B SECOS-SEF301B_15 Datasheet
395Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B_15 Datasheet
284Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SUF301B SECOS-SUF301B_15 Datasheet
258Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
logo
Nanjing International G...
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3A DGNJDZ-US3A Datasheet
121Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SEF305BS SECOS-SEF305BS Datasheet
137Kb / 2P
600 V 3.0 Amp High Efficiency Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com