Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFT20005 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UFT20005
Description  Ultrafast Recovery Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT20005 Datasheet(HTML) 1 Page - Microsemi Corporation

  UFT20005 Datasheet HTML 1Page - Microsemi Corporation UFT20005 Datasheet HTML 2Page - Microsemi Corporation UFT20005 Datasheet HTML 3Page - Microsemi Corporation UFT20005 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Reverse Voltage
Repetitive Peak
Working Peak
Reverse Voltage
Add Suffix A for Common Anode, D for Doubler
T
35-50 inch pounds
Junction to case
0.25°C/W
R0
0
R
-55°C to 175°C
T
Terminal Torque
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Thermal and Mechanical Characteristics
175°C Junction Temperature
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Average forward current per pkg
T
T
T
T
I
V
V
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
RRM, J = 125°C
8.3ms, half sine, J = 175°C
UFT200, 201 & 202
Ultrafast Recovery Modules
Microsemi
Catalog Number
50V
100V
150V
200V
300V
400V
500V
600V
800V
UFT20005*
UFT20010*
UFT20015*
UFT20020* UFT20120*
UFT20130*
UFT20140*
UFT20150*
UFT20260*
UFT20280*
800V
600V
500V
400V
300V
200V
150V
100V
50V
Max reverse recovery time per leg
F(AV)
C
FSM
I
FM
rr
RM
RM
I
I
t
V
T
UFT200
UFT202
UFT201
200A
200A
200A
135°C
120°C
115°C
1500A
1400A
1200A
.975V
1.25V
1.35V
50ns
70ns
90ns
6.0mA
50µA
Electrical Characteristics
FM = 100A: J = 25°C*
1/2A, 1A, 1/4A, J = 25°C
RRM, J = 25°C
Square Wave
0.5°C/W
Ultra Fast Recovery
RRM 50 to 800 Volts
V
High surge capacity
2 X 100 Amp current rating
F(AV) 100A
100A
100A
Square Wave
I
I
Case Temperature
Average forward current per leg
R = 10V, J = 25°C
CJ
Typical Junction capacitance
V
T
575pF
300pF
275pF
R0JC = 0.5°C/W
STG
J
-55°C to 175°C
JC
JC
Case to sink
0.08°C/W
Junction to case
Typical thermal resistance
Weight
2.8 ounces (75 grams) typical
CS
0
R
700V
UFT20270*
700V
Mounting base torque - (center hole)
30-40 inch pounds
center bolt must be torqued first
8-10 inch pounds
Mounting base torque - (outside holes)
copper
Baseplate: Nickel plated
D=Doubler
Baseplate
Common Cathode
Baseplate
A=Common Anode
Baseplate
H
Q
V
U
N
W
F
E
Notes:
U
C
B
G
R
A
1/4-20
Notes
Dia.
Dia.
0.195
0.340
0.290
---
0.630
---
3.150 BSC
---
0.510
0.130
0.800
0.600
U
0.180
0.312
W
V
0.275
---
Q
R
N
1.375 BSC
0.010
0.490
G
H
F
0.120
---
0.700
C
E
B
80.01 BSC
34.92 BSC
4.57
7.92
---
15.24
6.99
0.25
12.45
3.05
---
17.78
4.95
7.37
---
8.64
---
---
16.00
12.95
3.30
20.32
Max.
3.630
Dim. Inches
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
January, 2010 - Rev. 5
www.microsemi.com


Similar Part No. - UFT20005

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFT20005 MICROSEMI-UFT20005 Datasheet
231Kb / 4P
ULTRA FAST RECOVERY MODULES
More results

Similar Description - UFT20005

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
Ultrafast Recovery Modules
HU100 MICROSEMI-HU100_11 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
Ultrafast Recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com