Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF141 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # VRF141
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF141 Datasheet(HTML) 2 Page - Microsemi Corporation

  VRF141 Datasheet HTML 1Page - Microsemi Corporation VRF141 Datasheet HTML 2Page - Microsemi Corporation VRF141 Datasheet HTML 3Page - Microsemi Corporation VRF141 Datasheet HTML 4Page - Microsemi Corporation VRF141 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VRF141(MP)
Class A Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
G
PS
f
1 = 30MHz, f2 = 30.001MHz ,VDD = 28V, IDQ = 4.0A, Pout = 50WPEP
23
dB
IMD
(d3)
f
1 = 30MHz, f2 = 30.001MHz ,VDD = 28V, IDQ = 4.0A, Pout = 50WPEP
-50
IMD
(d9-d13)
f
1 = 30MHz, f2 = 30.001MHz ,VDD = 28V, IDQ = 4.0A, Pout = 50WPEP
-75
Functional Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
G
PS
f
1= 30MHz, f2 = 30.001MHz, VDD = 28V, IDQ = 250mA, Pout = 150WPEP
16
20
dB
G
PS
f
1 = 175MHz, VDD = 28V, IDQ = 250mA, Pout = 150W
13
η
f
1 = 30MHz, f2 = 30.001MHz ,VDD = 28V, IDQ = 250mA, Pout = 150WPEP
40
45
%
IMD
(d3)
f
1 = 30MHz, f2 = 30.001MHz, VDD = 28V, IDQ = 250mA, Pout = 150WPEP
1
-30
-28
dB
IMD
(d11)
f
1 = 30MHz, f2 = 30.001MHz, VDD = 28V, IDQ = 250mA, Pout = 150WPEP
-60
ψ
f
1 = 30MHz, f2 = 30.001MHz, VDD = 28V, IDQ = 250mA, Pout = 150WPEP
30:1 VSWR - All Phase Angles
No Degradation in Output Power
1. To MIL-STD-1311 Version A, test method 2204B, Two Tone, Reference Each Tone
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1
10
100
110
100
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
5
10
15
20
25
1
10
100
0
10
20
30
40
50
60
C
iss
V
DS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 1, Output Characteristics
T
J= 125°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 3, Capacitance vs Drain-to-Source Voltage
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 4, Forward Safe Operating Area
4V
5V
6V
7V
8V
9V
10V
13V
V
GS, GATE-TO-SOURCE VOLTAGE (V)
FIGURE 2, Transfer Characteristics
250μs PULSE
TEST<0.5 % DUTY
CYCLE
T
J= -55°C
T
J= 25°C
C
oss
C
rss
Rds(on)
T
J
= 125°C
T
C
= 75°C
Typical Performance Curves
Pdmax
I
DMax



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com