Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF150MP Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF150MP
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF150MP Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF150MP Datasheet HTML 1Page - Microsemi Corporation VRF150MP Datasheet HTML 2Page - Microsemi Corporation VRF150MP Datasheet HTML 3Page - Microsemi Corporation VRF150MP Datasheet HTML 4Page - Microsemi Corporation VRF150MP Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VRF150(MP)
RFC1
+ 50VDC
+
+
C9
C8
C7
C3
C2
L3
L2
C6
R1
R2
R3
C4
C5
L1
C1
Bias
0-12V
C10
C11
L4
RF
Input
RF
Output
C1, C2, C8 -- Arco 463 or equivalent
C3 -- 25pF, Unelco
C4 -- 0.1uF, Ceramic
C5 -- 1.0 uF, 15 WV Tantalum
C6 -- 250pF, Unelco J101
C7-- 25pF, Unelco J101
C9 -- Arco 262 or equivalent
C10 -- 0.05uF, Ceramic
C11 -- 15uF, 60WV Electrolytic
DUT
+ 50VD
+
C8
C4
C6
C7
L2
C3
R2
R1
C5
L1
C2
C1
Bias
0-12V
C9
C10
RF
Input
RF
Output
C1 -- 470 pF Dipped Mica
C2, C5, C6 - C9 -- 0.1uF SMT
C3 -- 200pF ATC 700C
C4 -- 15pF, ATC 700C
C10 -- 10uF, 100V Electrolytic
L1 - VK200-4B
L2 -- 2 Ferrite beads, 2.0 uH
R1, R2 -- 51 , 1 W Carbon
R3 -- 3.3 , 1 W Carbon
T1 -- 9:1 Transformer
T2 -- 1:9 Transformer
DUT
T2
R3
30 MHz test Circuit
150 MHz test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com