Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF2933
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF2933 Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF2933 Datasheet HTML 1Page - Microsemi Corporation VRF2933 Datasheet HTML 2Page - Microsemi Corporation VRF2933 Datasheet HTML 3Page - Microsemi Corporation VRF2933 Datasheet HTML 4Page - Microsemi Corporation VRF2933 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30 MHz Test Circuit
VRF2933(MP)
L1
Output
C3
C12
C11
C10
C5
C6
C7
C8
C9
C1 1800pF ATC100B ceramic
C2, C3, C5, C9, C10, C12 0.1uF 100V
C6 680 pF metal clad 500V mica
C7 ARCO 467 mica trimmer
C8 100 pF ATC 100E ceramic
C4, C11 10uF 100V Electrolytic
FB small ferrite bead ui =125
L1 20 nH 2t #18 0.188"d .2"l
L2 38 nH - 2.5t #14 enam. .25" dia.
L3 2t #16 on 2x 267300081 .5" bead
R1-R2 1k Ohm 1/4W
R3 100 Ohm 1W
R4 470 Ohm "low inductance" 3W
T1 16:1 transforner 4t #20 teflon on
RF Parts Co. T1/2 transformer core
T2 9:1 transformer 3t #16 teflon on
RF Parts Co. T1 transformer core
Vbias
R1
R2
R4
L2
RF
Input
C2
T1
C1
R3
FB
L3
T2
+
50V
C4
+
VRF2933



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com