Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF152EMP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # VRF152EMP
Description  RF POWER VERTICAL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF152EMP Datasheet(HTML) 2 Page - Microsemi Corporation

  VRF152EMP Datasheet HTML 1Page - Microsemi Corporation VRF152EMP Datasheet HTML 2Page - Microsemi Corporation VRF152EMP Datasheet HTML 3Page - Microsemi Corporation VRF152EMP Datasheet HTML 4Page - Microsemi Corporation VRF152EMP Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10
100
1000
0
20
40
60
80
100
120
VRF152E(MP)
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ISS
Input Capacitance
V
GS = 0V
383
pF
C
oss
Output Capacitance
V
DS = 50V
215
C
rss
Reverse Transfer Capacitance
f = 1MHz
20
Functional Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
G
PS
f
1 = 30MHz, f2 = 30.001MHz, VDD = 50V, IDQ = 250mA, Pout = 150WPEP
18
22
dB
G
PS
f = 175MHz, V
DD = 50V, IDQ = 250mA, Pout = 150W
14
η
D
f
1= 30MHz, f2 = 30.001MHz, VDD = 50V, IDQ = 250mA, Pout = 150WPEP
50
%
IMD
(d3)
f
1 = 30MHz, f2 = 30.001MHz, VDD = 50V, IDQ = 250mA, Pout = 150WPEP
1
-30
dBc
IMD
(d11)
f
1 = 30MHz, f2 = 30.001MHz, VDD = 50V, IDQ = 250mA, Pout = 150WPEP
-60
ψ
f
1 = 30MHz, f2 = 30.001MHz, VDD = 50V, IDQ = 250mA, Pout = 150WPEP
30:1 VSWR - All Phase Angles
No Degradation in Output Power
1. To MIL-STD-1311 Version A, test method 2204B, Two Tone, Reference Each Tone
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1
10
30
1
10
100
1000
20
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
0
4
8
12
16
C
iss
V
DS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 1, Output Characteristics
T
J= 125°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 3, Capacitance vs Drain-to-Source Voltage
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 4, Forward Safe Operating Area
V
GS = 5V
6V
7V
8V
9V
10V
15V
V
GS, GATE-TO-SOURCE VOLTAGE (V)
FIGURE 2, Transfer Characteristics
250μs PULSE
TEST<0.5 % DUTY
CYCLE
T
J= -55°C
T
J= 25°C
C
oss
C
rss
Rds(on)
DC line
I
DMax
T
J
= 125°C
T
C
= 75°C
Typical Performance Curves
Pdmax
13V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com