Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5200B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5200B
Description  5.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5200B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5200B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5200B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM5200B
Voltage 200V
5.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
19-Apr-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
200
V
Working Peak Reverse Voltage
VRWM
200
V
Maximum DC Blocking Voltage
VR
200
V
Average Forward Current @TJ=25°C
IF(AV)
5
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
150
A
Maximum Instantaneous
Forward Voltage
IFM = 5.0 A, TA = 25°C
VF
0.88
V
IFM = 5.0 A, TA = 75°C
0.78
IFM = 5.0 A, TA = 125°C
0.72
Maximum DC Reverse Current
4
TJ = 25°C
IR
40
μA
TJ = 100°C
700
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
2
R
JA
65
°C/W
Typical Thermal Resistance
3
R
JC
20
°C/W
Voltage Rate of Chance (Rated VR)
dv/dt
1000
V / μs
Operating Temperature Range
TJ
-50~150
°C
Storage temperature
TSTG
-65~150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Ambient.
3. Thermal Resistance Junction to Case.
4. Pulse Test:Pulse Width = 300 μs, Duty Cycle
2.0%.
≦
SMB
A
B
E
G
D
F
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Similar Part No. - SM5200B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM5200B GWSEMI-SM5200B Datasheet
63Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5200BF AITSEMI-SM5200BF Datasheet
566Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM5200BF LRC-SM5200BF_15 Datasheet
222Kb / 9P
Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5200BM SECOS-SM5200BM Datasheet
310Kb / 2P
Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM5200B SECOS-SM5200B_15 Datasheet
329Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM5200B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com