Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF504C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF504C
Description  5.0 Amp Surface Mount Silicon Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF504C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF504C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF504C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF501C ~ SMF507C
50 V ~ 1000 V
5.0 Amp Surface Mount Silicon
Fast Recovery Rectifiers
24-May-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Surface mount device
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases:DO-214AB(SMC)
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals:Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Polarity:Cathode Band
Weight:0.231 grams(approximate)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
501C
SMF
502C
SMF
503C
SMF
504C
SMF
505C
SMF
506C
SMF
507C
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF
5
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.3
V
TA=25°C
10
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=100°C
IR
100
μA
Typical Junction Capacitance
1
CJ
50
pF
Maximum Reverse Recovery Time
2
Trr
150
250
500
ns
Thermal Resistance, Junction to Ambient
RθJA
50
°C / W
Storage and Operating Temperature Range
TSTG, TJ
-55~150
°C
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2. Measured with IF=0.5A, IR=1A, IRR=0.25A.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305


Similar Part No. - SMF504C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMF504C SUNMATE-SMF504C Datasheet
430Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - SMF504C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF101MH SECOS-SMF101MH Datasheet
369Kb / 3P
1.0 Amp Surface Mount Silicon Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
S5A GWSEMI-S5A Datasheet
64Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S5AB GWSEMI-S5AB Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SMU51B GWSEMI-SMU51B Datasheet
68Kb / 2P
5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU51C GWSEMI-SMU51C Datasheet
68Kb / 2P
5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Nanjing International G...
FR501 DGNJDZ-FR501 Datasheet
155Kb / 2P
5.0 AMP FAST RECOVERY RECTIFIERS
S5A DGNJDZ-S5A Datasheet
165Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S5AB YIXIN-S5AB Datasheet
93Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
RS5A BYTESONIC-RS5A Datasheet
282Kb / 2P
5.0 AMP FAST RECOVERY RECTIFIERS
2019/8/6
S5A BYTESONIC-S5A Datasheet
285Kb / 3P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
2014/9/1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com