Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1050 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMP1050
Description  10 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMP1050 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMP1050 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMP1050 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMP1020 ~ SMP10100
Voltage 20 V ~ 100 V
10 Amp Surface Mount Schottky Barrier Rectifiers
20-May-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage
Low forward voltage drop
Super long operating life
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277A
4K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
.)
Rating
Parameter
Symbol
SMP
1020
SMP
1030
SMP
1040
SMP
1045
SMP
1050
SMP
1060
SMP
1090
SMP
10100
Unit
Recurrent Reverse Voltage (Max.)
VRRM
20
30
40
45
50
60
90
100
V
DC Blocking Voltage (Max.)
VDC
20
30
40
45
50
60
90
100
V
IF=10A,TA=25°C
0.55
0.55
0.55
0.58
0.7
0.7
0.85
0.85
Instantaneous
Forward Voltage
(Max.)
IF=5A,
TA=125°C (Typ.)
VF
0.38
0.38
0.38
0.42
0.58
0.58
0.68
0.68
V
Average Forward Rectified Current (Max.)
@ TA = 25°C
IF(AV)
10
A
Peak Forward Surge Current. 8.3ms
single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
275
A
Typical thermal resistance junction to
ambient
RθJA
100
Typical thermal resistance junction to lead
RθJL
3
K / W
TA=25°C
0.5
0.5
75°C,
50%VRRM (Typ.)
1
0.5
DC Reverse Current at
Rated DC Blocking
Voltage (Max.)
TA=100°C
IR
50
30
mA
Operating Temperature Range
TJ
-55~150
°C
Storage Temperature Range
TSTG
-55~150
°C
TO-277A
M
N
A
B
I
F
J
C
E
D
G
H
K
L
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.8
H
4.05 Typ.
B
5.9
6.3
J
4.4
4.8
C
6.3
6.7
K
2.0
2.2
D
4.1
4.5
L
1.0
1.4
E
0.65 Typ.
M
0.15
0.35
F
3.55
3.95
N


G
1.85
2.25


Similar Part No. - SMP1050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100-120 STMICROELECTRONICS-SMP100-120 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140 STMICROELECTRONICS-SMP100-140 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140H125 STMICROELECTRONICS-SMP100-140H125 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-140H225 STMICROELECTRONICS-SMP100-140H225 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
SMP100-200 STMICROELECTRONICS-SMP100-200 Datasheet
80Kb / 9P
COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
More results

Similar Description - SMP1050

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM120M UNIOHM-SM120M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220B UNIOHM-SM220B Datasheet
67Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB1045L SECOS-SMPB1045L Datasheet
233Kb / 2P
10 Amp Surface Mount Schottky Barrier Rectifiers
SMPB1045L SECOS-SMPB1045L_15 Datasheet
233Kb / 2P
10 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com