Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D471N Datasheet(PDF) 2 Page - eupec GmbH

Part # D471N
Description  Netz-Gleichrichterdiode Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D471N Datasheet(HTML) 2 Page - eupec GmbH

  D471N Datasheet HTML 1Page - eupec GmbH D471N Datasheet HTML 2Page - eupec GmbH D471N Datasheet HTML 3Page - eupec GmbH D471N Datasheet HTML 4Page - eupec GmbH D471N Datasheet HTML 5Page - eupec GmbH D471N Datasheet HTML 6Page - eupec GmbH D471N Datasheet HTML 7Page - eupec GmbH D471N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 471N
BIP AC / SM PB, 2003-05-27, Schneider / Keller
2/8
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Sperrverzögerungsladung
recovered charge
VR = 1000V, Tvj = Tvj max
C = 0,22µF, R = 83Ω
IFM = 1000A, -diT/dt = 10 A/µs
Qr
max.
6
mAs
Rückstromspitze
peak reverse recovery current
VR = 1000V, Tvj = Tvj max
C = 0,22µF, R = 83Ω
IFM = 1000A, -diT/dt = 10 A/µs
IRM
max.
200
A
Sperrverzögerungsladung
recovered charge
VR = 100V, Tvj = Tvj max
C = 0,22µF, R = 83Ω
IFM = 1000A, -diT/dt = 10 A/µs
Qr
typ.
4,2
mAs
Rückstromspitze
peak reverse recovery current
VR = 100V, Tvj = Tvj max
C = 0,22µF, R = 83Ω
IFM = 1000A, -diT/dt = 10 A/µs
IRM
typ.
150
A
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
Kühlfläche / cooling surface
beidseitig / two-sided, θ = 180°sin
beidseitig / two-sided, DC
Anode / anode, DC
Kathode / cathode, DC
RthJC
max.
max.
max.
max.
0,0315
0,028
0,054
0,058
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
Kühlfläche / cooling surface
beidseitig / two-sided
einseitig / single-sided
RthCH
max.
max.
0,006
0,012
°C/W
°C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
160 °C
Betriebstemperatur
operating temperature
Tc op
-40...+160 °C
Lagertemperatur
storage temperature
Tstg
-40...+160 °C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
38DNE90
Anpresskraft
clamping force
F
10...16
kN
Gewicht
weight
G
typ.
250 g
Kriechstrecke
creepage distance
30 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com