Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN340SMD Datasheet(PDF) 2 Page - Seme LAB

Part # IRFN340SMD
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFN340SMD Datasheet(HTML) 2 Page - Seme LAB

  IRFN340SMD Datasheet HTML 1Page - Seme LAB IRFN340SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRFN340SMD
Prelim. 7/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 6A
VGS = 10V
ID = 10A
VDS = VGS
ID = 250mA
VDS ³ 15V
IDS = 6A
VGS = 0
VDS = 0.8BVDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = 10A
VDS = 0.5BVDSS
VDD = 200V
ID = 10A
RG = 9.1W
VGS = 10V
IS = 10A
TJ = 25°C
VGS = 0
IF = 10A
TJ = 25°C
di / dt £ 100A/msVDD £ 50V
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance4
Gate Threshold Voltage
Forward Transconductance4
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 1
Gate – Source Charge 1
Gate – Drain (“Miller”) Charge 1
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 1
Diode Forward Voltage4
Reverse Recovery Time4
Reverse Recovery Charge4
Forward Turn–On Time
400
0.46
0.55
0.70
24
4.9
25
250
100
–100
1400
3500
2300
32
65
2.2
10.0
13.8
40.5
2.5
92
79
58
10
40
1.5
600
5.6
Negligible
2.0
6.5
V
V/°C
W
V
S(
W
mA
nA
pF
nC
ns
A
V
ns
mC
nH
BVDSS
DBVDSS
DTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
LD
LS
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance (from centre of drain pad to die)
Internal Source Inductance (from centre of source pad to end of source bond wire)
PACKAGE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com