Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R06KE3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS75R06KE3
Description  EconoPACK with fast trench/fieldstop IGBT and EmCon3 diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R06KE3 Datasheet(HTML) 2 Page - eupec GmbH

  FS75R06KE3 Datasheet HTML 1Page - eupec GmbH FS75R06KE3 Datasheet HTML 2Page - eupec GmbH FS75R06KE3 Datasheet HTML 3Page - eupec GmbH FS75R06KE3 Datasheet HTML 4Page - eupec GmbH FS75R06KE3 Datasheet HTML 5Page - eupec GmbH FS75R06KE3 Datasheet HTML 6Page - eupec GmbH FS75R06KE3 Datasheet HTML 7Page - eupec GmbH FS75R06KE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS75R06KE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
6
7
#
#
$%& ' ()
*99:
*
.
#
"
.
<
1g
/(
5
6
7
"
<
8 '
"
1g9:
(
5
;
7
#
1h
*9 '
*0 8 '
" 0 $%& '
()
*9 '
*0 8 '
" 0 $%& ' ( )
1h
5h
5h
Charakteristische Werte / characteristic values
"
" B
.
#
<
#
1g ' /( 50 *?, '
*
1g ' /( 50 *?, '
*
1g ' /( 50 *?, '
*
*g
0((
0(
0F(
0G(
*
*
*
$%& ' ()
$%& '
()
$%& ' ( )
Q
"
7
1g ' /( 50
gA
' F
5AK
*9 ' W
*
*?, '
( *
19:
(
(
5
5
5
$%& ' ()
$%& '
()
$%& ' ( )
7S#
#
#
#
1g ' /( 50
gA
' F
5AK
*9 ' W
*
*?, '
( *
JR
W0
0
/0(
K
K
K
$%& ' ()
$%& '
()
$%& ' ( )
5
#
6
#
1g ' /( 50
gA
' F
5AK
*9 ' W
*
*?, '
( *
!ROi
0G(
0(
0I(
"[
"[
"[
$%& ' ()
$%& '
()
$%& ' ( )
1
>C " <
"
0 `
.
=Hb+
0G(
A>
c
#
# >C " <
"
0
.
A
d8ED=O '
>AT"_ V A
deROEDO '
>AT"_ V
=H+f
0W
A>
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
"
" B
j
<
$+ ' ()
kl
(0
M
5 <
#
mnn
mnn
$+ '
) 0
mnn ' FGW M
o A
(
(
p
*
#
<
$+ ' ()
6kl
0
">
a >
a
k '
kl B qaklrlnT A$k
AT GI0 (
VVs
aklrln
WW/(



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com