Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1045 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SP1045
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP1045 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SP1045_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP1045_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SP1045
VOLTAGE 45V
10.0AMP Schottky Barrier Rectifiers
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=75 C
S P 10
45
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
F IG .3-MAXIMUM NON-R E P E T IT IVE F OR WAR D
S UR G E C UR R E NT
F IG .4-T Y P IC AL J UNC T ION C AP AC ITANC E
R E VE R S E VOLT AG E ,(V)
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
0.1
5
.01
30
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
10
Tj=25 C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
S P1
045
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
14-Sep-2010 Rev. B
Page 2 of 2
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Tc, Case Temperature ( )
Typical Forward Current Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com