Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1045 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP1045
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP1045 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP1045 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP1045 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SP1045
VOLTAGE 45V
10.0AMP Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
R ating 25 C ambient temperature unless otherwise specified.
S ingle phase half wave, 60Hz, resistive or inductive load.
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
For capacitive load, derate current by 20%.
NOTES:
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
5.0A
Maximum DC Reverse Current
Ta=25 C
a=100 C
Typical Junction Capacitance (Note1)
10
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Typical Thermal Resistance
R
θJC (Note 2)
700
45
-
50
+
150
-
65
+
175
Operating
Storage Temperature Range T STG
Temperature Range TJ
C
C
C /W
150
0.55
SP1045
0.3
45
http://www.SeCoSGmbH.com
Elektronische Bauelemente
45
45
14-Sep-2010 Rev. B
Page 1 of 2
0.2
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.7
0.2
2.54
0.2
1.3
0.2
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
3. Pulse Test : Pulse Width = 300us, Duty Cycle <= 2.0%.
at Rated DC Blocking Voltage (Note3) T


Similar Part No. - SP1045

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1045 SECOS-SP1045 Datasheet
241Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SP1045 SHUNYE-SP1045 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
ABC Taiwan Electronics ...
SP10451R3M2 ABC-SP10451R3M2 Datasheet
598Kb / 8P
SHIELDED SMD POWER INDUCTOR
SP10451R4ML ABC-SP10451R4ML Datasheet
126Kb / 8P
SHIELDED SMD POWER INDUCTOR
SP10451R8M2 ABC-SP10451R8M2 Datasheet
598Kb / 8P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SP1045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
10.0Amp. Schottky Barrier Rectifiers
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
10.0AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2014/11/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com