Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10100S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10100S
Description  1 0 .0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10100S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP10100S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10100S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 10
180
10
10
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.3
10
V
V
A
A
V
mA
pF
Typical Thermal Resistance (Note 2)
4.0
-50
+150
-65
+175
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
S
P10100S
100
100
100
F
F
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
F
350
0.72
0.85
~
~
SYMBOL
o
o
o
RθJA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
10000
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Ambient.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP10100S
VOLTAGE 100V
10.0 AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
25-Mar-2010 Rev. C
Page 1 of 2
I
TO-220A
Dimensions in millimeters
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
5.08 0.2
0.7 0.2
.
1.3 0.2
10 0.5
3.2
0.2
0.1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
1.0
0.15


Similar Part No. - SP10100S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
More results

Similar Description - SP10100S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819 Datasheet
42Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK102 DEC-SK102 Datasheet
424Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBRF1520 FCI-FBRF1520 Datasheet
877Kb / 2P
15 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SMC520 FCI-SMC520 Datasheet
128Kb / 2P
5 .0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
SR520 FCI-SR520 Datasheet
129Kb / 1P
5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR735 FCI-SR735 Datasheet
155Kb / 2P
7.5 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR830 FCI-SR830 Datasheet
189Kb / 2P
8.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
SBDA-101-1B DEC-SBDA-101-1B Datasheet
419Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
HER301U DYELEC-HER301U Datasheet
515Kb / 2P
.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com