Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10150S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10150S
Description  10.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10150S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP10150S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10150S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Curren
t
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I =
10
8
10
10
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.2
8
4.0
-50
+150
-65
+175
150
150
150
1 0
450
0.76
0.87
~
~
10000
V
V
A
A
V
mA
pF
Typical Thermal Resistance
(Note 2)
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
SP10150S
F
A
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
A
SYMBOL
o
o
o
R
θJA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Ambient.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP10150S
VOLTAGE 150V
10.0 AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2007 Rev. B
Page 1 of 2
I
TO-220A
Dimensions in millimeters
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
5.08 0.2
0.7 0.2
.
1.3 0.2
10 0.5
3.2
0.2
0.1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP10150S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP10150S SECOS-SP10150S_15 Datasheet
315Kb / 2P
10.0 AMP Schottky Barrier Rectifiers
More results

Similar Description - SP10150S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR10250F SECOS-SBR10250F_15 Datasheet
160Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
10.0 Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com