Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10200 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10200
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10200 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SP10200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Page 2 of 2
SP10200
VOLTAGE 200V
.0AMP Schottky Barrier Rectifiers
10
RATING AND CHARACTERISTIC CURVES
Revise Voltage (%)
Typical Junction Capacitance
0
200
400
600
800
0.1
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
40
80
120
160
200
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
0.01
0.1
1
10
100
180
40
80
120
220
10
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
125℃
75℃
100℃
0.4
0.1
1
10
100
Forward Voltage (V)
Typical Forward Characteristic
0.5
0.6
0.7
0.8
0.9
1.0
25℃
125℃
75℃
14-Sep-2010 Rev. F
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Tc, Case Temperature ( )
Typical Forward Current Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com