Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP20100R Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SP20100R
Description  20.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP20100R Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SP20100R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP20100R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
http://www.SeCoSGmbH.com
Elektronische Bauelemente
14-Sep-2010 Rev. D
Page 2 of 2
RATING AND CHARACTERISTIC CURVES
Revise Voltage (%)
Typical Junction Capacitance
0
200
400
600
800
0.1
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
40
80
120
160
200
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
0.4
0.1
1
10
100
Forward Voltage (V)
Typical Forward Characteristic
0.5
0.6
0.7
0.8
0.9
1.0
25℃
125℃
75℃
75℃
0.01
0.1
1
10
100
90
30
50
70
110
10
Reverse Voltage(V)
Typical Reverse Characteristic
100℃
25℃
50℃
125℃
SP20100R
VOLTAGE 100V
20.0AMP Schottky Barrier Rectifiers
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Tc, Case Temperature ( )
Typical Forward Current Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com