Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM136CSM4-5V Datasheet(PDF) 1 Page - Seme LAB

Part # LM136CSM4-5V
Description  PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM136CSM4-5V Datasheet(HTML) 1 Page - Seme LAB

  LM136CSM4-5V Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LM136CSM4 - 5V
LM136ACSM4 - 5V
Prelim.5/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
4.90
5.00
5.10
4.95
5.00
5.05
612
0.6
1.2
20
36
±1
0.8
1.6
20
LM136CSM4-5V
LM136ACSM4-5V
Parameter
Test Conditions
Min.
Typ.
Max.
Units
TA = 25°C
IR =1mA
LM136CSM4-5V
LM136ACSM4-5V
TA = 25°C
600
mA £ IR £ 10mA
TA = 25°C
IR =1mA
f = 100Hz
VR Adjusted 5.00V
IR =1mA
– 55°C
£ TA £ +125°C
IR =1mA
TA = 25°C±0.1°C
IR =1mA
t =1000hrs
Reverse Breakdown Voltage
Reverse Breakdown Change with
Current
Reverse Dynamic Impedance
Temperature StabilityNote 2
Adjusment Range
Reverse Dynamic Impedance
Long Term Stability
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise stated)
PRECISION 5V SHUNT
REGULATOR DIODE IN A
CERAMIC SURFACE MOUNT
PACKAGE
IR
Reverse Current
IF
Forward Current
Tcase
Operating Temperature Range
TSTG
Storage Temperature
15mA
10mA
– 55°C to +150°C
– 60°C to +150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• Adjustable 4V to 6V
• Low Temperature Coeficient
• Wide Operating Current 600
mmmmA to 10mA
• 0.6
W Dynamic Impedance
• ± 1% Inital Tolerance Available
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
PIN 1 n/c
PIN 2 V+
PIN 3 adj
PIN 4 V-
LCC3 HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
MECHANICAL DATA
Dimensions in mm
V
mV
W
mV
V
W
ppm
Note 2.
Temperature stability is guaranteed by design. Design limits are guaranteed (but not 100% function tested) over the indi-
cated temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels. Stability is
defined as the maximum change in Vxxx FROM 25°C to TA (MIN) or TA (MAX).


Similar Part No. - LM136CSM4-5V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
LM136-2.5 NSC-LM136-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
679Kb / 12P
Reference Diode
logo
Texas Instruments
LM136-2.5 TI1-LM136-2.5 Datasheet
676Kb / 14P
Reference Diode
More results

Similar Description - LM136CSM4-5V

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX79C SEME-LAB-BZX79C Datasheet
21Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009_1 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006_15 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
logo
Foshan Blue Rocket Elec...
BR431 FOSHAN-BR431 Datasheet
910Kb / 7P
Precision adjustable shunt regulator in a TO-92 Plastic Package
BR431M FOSHAN-BR431M Datasheet
878Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
TL431 FOSHAN-TL431 Datasheet
952Kb / 7P
Precision adjustable shunt regulator in a TO-92 Plastic Package
TL431M FOSHAN-TL431M Datasheet
866Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
TL432M FOSHAN-TL432M Datasheet
719Kb / 7P
Precision adjustable shunt regulator in a SOT-23 Plastic Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com