Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS8050T
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS8050T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS8050T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS8050T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS8050T
NPN Silicon
General Purpose Transistor
Power dissipation
PCM : 1 W
Collector Current
ICM : 1.5 A
Collector-base voltage
FEATURES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0.1mA
, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40 V ,
IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=20V ,
IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
μA
HFE(1)
VCE=1V,
IC= 100m A
85
400
DC current gain
HFE(2)
VCE=1V,
IC= 800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800 mA, IB= 80m A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800 mA, IB= 80m A
1.2
V
Transition frequency
fT
VCE=10V,
IC= 50mA
f=30MHz
100
MHz
CLASSIFICATION OF hFE(1)
Rank
B
C
D
E
Range
85-160
120-200
160-300
300-400
ELECTRICAL CHARACTERISTICS ( Tamp.=25
OC unless otherwise specified)
V(BR)CBO : 40 V
Operating & storage junction temperature
Tj, Tstg : - 55
O
C ~ + 150
O
C
1 2
TO-92
1. EMITTER
2. BASS
.
COLLECTOR
1
2
3
3
2
1
3
3
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SS8050T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SS8050T SECOS-SS8050T_15 Datasheet
110Kb / 2P
General Purpose Transistor
More results

Similar Description - SS8050T

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com