Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4228 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4228
Description  Dual-N Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4228 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4228 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4228 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4228 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4228 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4228
6.8A, 30V, RDS(ON) 26m
Dual-N Enhancement Mode Power MOSFET
18-Feb-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0V, ID=250μA
Breakdown Voltage Temp.
Coefficient
BV
△
DS/T
△ j
-
0.03
-
V / °C Reference to 25°C, ID =1mA
Gate-Threshold Voltage
VGS(th)
1
-
3
V
VDS=VGS, ID =250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VGS=±20V
-
-
1
μA
VDS=30V,VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS=24V,VGS=0
-
-
26
VGS=10V, ID =6A
Drain-Source On-Resistance
2
RDS(ON)
-
-
40
mΩ
VGS=4.5V, ID =4A
Total Gate Charge
2
Qg
-
9
15
Gate-Source Charge
Qgs
-
2
-
Gate-Drain (“Miller”) Charge
Qgd
-
6
-
nC
ID= 6.8A
VDS= 24V
VGS= 4.5V
Turn-On Delay Time
2
Td(on)
-
10
-
Rise Time
Tr
-
9
-
Turn-Off Delay Time
Td(off)
-
18
-
Fall Time
Tf
-
6
-
nS
VDS= 15V
ID= 1A
VGS= 10V
RG= 3.3Ω
RD= 15Ω
Input Capacitance
Ciss
-
580
930
Output Capacitance
Coss
-
150
-
Reverse Transfer Capacitance
Crss
-
108
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Forward Transfer Conductance
Gfs
-
15
-
S
VDS=10V, ID=6A
Source-Drain Diode
Forward On Voltage
2
VDS
-
-
1.3
V
IS=1.7A, VGS=0V, Tj=25°C
Reverse Recovery Time
2
Trr
-
15
-
nS
Reverse Recovery Charge
Qrr
-
9
-
nC
IS =6.8A, VGS =0V
dl/dt=100A/μs
Notes:
1
Pulse width limited by Max. junction temperature.
2
Pulse width 300us, duty cycle 2%.
3
Surface mounted on 1 inch2 copper pad of FR4 board; 135°C/W when mounted on min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com