Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4402N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4402N
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4402N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4402N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4402N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4402N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4402N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG4402N
6.7 A, 60 V, RDS(ON) 38 m
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low RDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
ID @ TA = 25°C
6.7
A
ID @ TA = 70°C
5.8
A
Pulsed Drain Current
2
IDM
25
A
Continuous Source Current (Diode Conduction)
1
IS
2
A
Total Power Dissipation
1
PD @ TA = 25°C
3.1
W
PD @ TA = 70°C
2
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Maximum Junction to Ambient
a
t ≦ 10 sec
RθJA
40
°C / W
Steady State
80
°C / W
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
S
S
S
D
D
D
D


Similar Part No. - SSG4402N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG4402N DOINGTER-SSG4402N Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG4402N SECOS-SSG4402N_15 Datasheet
601Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4402N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com