Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4825PE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4825PE
Description  P-Channel Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4825PE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4825PE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4825PE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSG4825PE
-11.5 A, 30 V, RDS(ON) 13 m
P-Channel Mode Power MOSFET
31-Dec-2010 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
-30
-
-
V
VGS= 0V, ID= -250μA
Gate Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID= -250μA
Gate-Body Leakage Current
IGSS
-
-
±
1
μA
VDS= 0V, VGS= ±25V
-
-
-1
μA
VDS= -24V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-5
μA
VDS= -24V, VGS= 0V, TJ= 55°C
On-State Drain Current
1
ID(on)
-50
-
-
A
VDS= -5V, VGS= -10V
-
-
13
VGS= -10V, ID= -11.5A
Drain-Source On-Resistance
1
RDS(ON)
-
-
19
mΩ
VGS= -4.5V, ID= -9.3A
Forward Transconductance
1
gfs
-
29
-
S
VDS= -15V, ID= -11.5A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS= 2.5A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
25
-
Gate-Source Charge
Qgs
-
11
-
Gate-Drain Charge
Qgd
-
17
-
nC
ID= -11.5A
VDS= -15V
VGS= -5V
Input Capacitance
Ciss
-
2300
-
Output Capacitance
Coss
-
600
-
Reverse Transfer Capacitance
Crss
-
300
-
pF
VDS= -15V
VGS= 0V
f= 1MHz
Turn-On Delay Time
Td(on)
-
15
-
Rise Time
Tr
-
13
-
Turn-Off Delay Time
Td(off)
-
100
-
Fall Time
Tf
-
54
-
nS
VDD= -15V
ID= -1A
VGEN= -10V
RL= 6Ω
Notes:
1
Pulse test:PW ≦ 300
μs duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com