Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4953 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4953
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4953 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4953 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4953 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4953 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4953 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4953
-5A, -30V,RDS(ON) 53m
P-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
Ω
Description
The SSG4953 provide the designer with the best Combination of fast switching,
ruggedized device design, Ultra low on-resistance and cost-effectiveness.
Features
* Low on-resistance
* Simple drive requirement
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient (Max)
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
-30
±20
-20
-5
-4
2
0.016
-55~+150
62.5
3
3
3
1
o
o
o
C
o
C
o
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Ratings
Unit
0.25
Dimensions in millimeters
6
.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.100.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
SOP-8
* Fast switching Characteristic
industrial surface mount application and suited for low
The SOP-8 is universally preferred for all commercial
voltage applications such as DC/DC converters.
23-Jun-2010 Rev. D
Page 1 of
4
S1
G1
S2
G2
D1
D1
D2
D2
4953SS
Date Code
1
5
7
8
2
3
4
6
D1
G1
S1
G2
D2
S2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SSG4953

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4953 VBSEMI-SSG4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4953-C SECOS-SSG4953-C Datasheet
319Kb / 4P
Dual-P Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4953A VBSEMI-SSG4953A Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
SSG4953BDY VBSEMI-SSG4953BDY Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4953P SECOS-SSG4953P Datasheet
601Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMG2305A SECOS-SMG2305A Datasheet
349Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com