Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4953P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4953P
Description  Dual P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4953P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4953P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4953P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4953P
-5.2 A, -30 V, RDS(ON) 52 m
Dual P-Ch Enhancement Mode Power MOSFET
15-Jan-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize high cell density process. Low RDS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry. Typical applications
are PWMDC-DC converters, power management
in portable and battery-powered products such as
computers, printers, battery charger, telecommunication
power system, and telephones power system.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Miniature SOP-8 surface mount package saves
board space.
High power and current handling capability..
Extended VGS range (±25) for battery pack applications.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
TA = 25°C
-5.2
A
Continuous Drain Current
1
TA = 70°C
ID @
-4.2
A
Pulsed Drain Current
2
IDM
-30
A
Continuous Source Current (Diode Conduction)
1
IS
-1.6
A
TA = 25°C
2.1
W
Power Dissipation
1
TA = 70°C
PD @
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Junction to Case (Max.)
1
t≦5 sec
RθJC
40
°C / W
Junction to Ambient (Max.)
1
t≦10 sec
RθJA
60
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
A
H
B
M
D
C
J
K
F
L
E
N
G
S
G
G
S
D
D
D
D


Similar Part No. - SSG4953P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4953P VBSEMI-SSG4953P Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4953P SECOS-SSG4953P_15 Datasheet
601Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4953P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4953P SECOS-SSG4953P_15 Datasheet
601Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
SSI3139J SECOS-SSI3139J Datasheet
317Kb / 3P
Dual P-Ch Enhancement Mode Power MOSFET
SSPRD11P02-C SECOS-SSPRD11P02-C Datasheet
574Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
SUM2P02-C SECOS-SUM2P02-C Datasheet
368Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com