Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM452 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM452
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM452 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM452 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM452 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM452 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM452 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSM452
-6 A, -30V, RDS(ON) 55mΩ
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
24-Jun-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS= 0V, ID = -250uA
Breakdown Voltage
Temperature Coefficient
△
BVDSS / △TJ
-
-0.02
-
V / °C
Reference to 25°C,
ID= -1mA
Gate Threshold Voltage
VGS(TH)
-1.0
-
-3.0
V
VDS= VGS, ID = -250uA
Forward Transconductance
gFS
-
10
-
S
VDS= -10V, ID= -5.3A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current
(TJ= 25°C)
IDSS
-
-
-1
μA
VDS= -30V, VGS=0V
Drain-Source Leakage Current
(TJ= 70°C)
-
-
-25
VDS= -24V, VGS=0V
Drain-Source On Resistance
RDS(ON)
-
45
55
mΩ
VGS= -10V, ID= -5.3A
-
75
100
VGS= -4.5V, ID= -4.2A
Total Gate Charge
2
Qg
-
9.2
16
nC
VGS= -4.5V
VDS= -24V
ID= -5.3A
Gate-Source Charge
Qgs
-
2.8
-
Gate-Drain (“Miller”) Charge
Qgd
-
5.2
-
Turn-on Delay Time
2
Td(ON)
-
11
-
nS
VDS= -15V
VGS= -10V
ID= -1A
RG= 6Ω, RD= 15Ω
Rise Time
Tr
-
8
-
Turn-off Delay Time
Td(OFF)
-
25
-
Fall Time
Tf
-
17
-
Input Capacitance
CISS
-
507
912
pF
VDS= -15V
VGS= 0V
f= 1MHz
Output Capacitance
COSS
-
222
-
Reverse Transfer Capacitance
CRSS
-
158
-
SOURCE-DRAIN DIODE
Forward On Voltage
2
VSD
-
-
-1.2
V
VGS= 0V, IS= -2.3A
Reverse Recovery Time
Trr
-
29
-
nS
VGS= 0V, IS= -5.3A,
dl/dt= 100A/μs
Reverse Recovery Charge
Qrr
-
20
-
nC
Note:
1. Pulse width limited by Maximum junction temperature.
2. Pulse width ≦ 300 μs, Duty cycle ≦ 2%
3. Surface mounted on 1 in
2 copper pad of FR4 board; 120°C / W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com