Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7411P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7411P
Description  P-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7411P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7411P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7411P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSP7411P
-6 A, -100 V, RDS(ON) 95 m
P-Channel Enhancement MOSFET
Elektronische Bauelemente
30-Jul-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL MIN TYP MAX UNIT
TEST CONDITIONS
Static
Drain-Source Breakdown Voltage
V(BR)DSS
-30
-
-
V
VGS = 0V, ID = -250μA
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS = VGS, ID = -250μA
Gate-Body Leakage
IGSS
-
-
±
100
nA
VDS = 0V, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS = -80V, VGS= 0V
-
-
-5
VDS = -80V, VGS= 0V, TJ=55°C
On-State Drain Current
A
ID(ON)
-50
-
-
A
VDS = -5V, VGS= -10V
Drain-Source On-Resistance
A
RDS(ON)
-
-
95
mΩ
VGS= -10V, ID = -6.0A
-
-
125
VGS= -4.5V, ID = -5.2A
Forward Transconductance
A
gFS
-
29
-
S
VDS= -15V,,ID = -6A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS= 2.5A, VGS= 0V
Dynamic
b
Total Gate Charge
Qg
-
25
-
nC
ID= -6A
VDS= -15V
VGS= -5V
Gate-Source Charge
Qgs
-
11
-
Gate-Drain Charge
Qgd
-
17
-
Turn-On Delay Time
Td(ON)
-
15
-
nS
ID= -1A, VDD= -15V
VGEN= -10V
RL= 6Ω
Rise Time
Tr
-
13
-
Turn-Off Delay Time
Td(OFF)
-
100
-
Fall Time
Tf
-
54
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com