Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7431P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7431P
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7431P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7431P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7431P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7431P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7431P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSP7431P
-17A, -30V, RDS(ON) 13 m
P-Channel Enhancement MOSFET
01-May-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
-30
-
-
V
VGS=0, ID = -250μA
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS=VGS, ID = -250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±25V
-
-
-1
VDS= -24V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
-5
μA
VDS= -24V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(ON)
-50
-
-
A
VDS= -5V, VGS= -10V
-
-
13
VGS= -10V, ID= -11.5A
Drain-Source On-Resistance
1
RDS(ON)
-
-
19
mΩ
VGS= -4.5V, ID= -9.3A
Forward Transconductance
1
gFS
-
29
-
S
VDS= -15V,,ID= -11.5A
Diode Forward Voltage
VSD
-
-0.8
-
V
IS=2.5A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
25
-
Gate-Source Charge
Qgs
-
11
-
Gate-Drain Charge
Qgd
-
17
-
nC
ID= -11.5A
VDS= -15V
VGS= -5V
Turn-On Delay Time
Td(ON)
-
15
-
Rise Time
Tr
-
13
-
Turn-Off Delay Time
Td(OFF)
-
100
-
Fall Time
Tf
-
54
-
nS
ID= -1A, VDD= -15V
VGEN= -10V
RL=6Ω
Notes:
1. Pulse test:PW ≦ 300 μs duty cycle ≦ 2%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com