Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3402N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3402N
Description  N-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3402N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3402N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3402N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3402N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3402N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STT3402N
6.3 A, 30 V, RDS(ON) 27 m
N-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
19-Nov-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize High Cell Density
process. Low RDS(on) assures minimal power loss and conserves energy,
making this device ideal for use in power management circuitry. Typical
applications are power switch, power management in portable and
battery-powered products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
TYPICAL APPLICATIONS
Low RDS(on) Provides Higher Efficiency and
Extends Battery Life.
Low Gate Charge.
Fast Switch.
Miniature TSOP-6 Surface Mount Package
Saves Board Space.
PRODUCT SUMMARY
STT3402N
VDS(V)
RDS(on) (m
ID(A)
30
0.027@VGS= 10V
6.3
0.035@VGS= 4.5V
5.5
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
Maximum
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA= 25°C
ID
6.3
A
TA= 70°C
5.2
Pulsed Drain Current
2
IDM
±20
A
Continuous Source Current (Diode Conduction)
1
IS
1.3
A
Power Dissipation
1
TA= 25°C
PD
1.6
W
TA= 70°C
1.0
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Unit
Maximum Junction to Ambient
1
t ≦ 5 sec
RJA
78
°C / W
Notes
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
D
G
D
D
D
S


Similar Part No. - STT3402N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3402N VBSEMI-STT3402N Datasheet
482Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
N-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3402N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2342N SECOS-SMG2342N Datasheet
142Kb / 2P
N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
N-Channel Enhancement Mode Mos.FET
SMG2398NE SECOS-SMG2398NE Datasheet
145Kb / 2P
N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
N-Channel Enhancement Mode Mos.FET
STT3490N SECOS-STT3490N Datasheet
637Kb / 4P
N-Channel Enhancement Mode Mos.FET
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com