Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT8205S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT8205S
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT8205S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT8205S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT8205S
6A, 20V, RDS(ON) 28m
N-Channel Enhancement Mode Power MOSFET
0
9-Mar-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
8205S


= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The STT8205S provide the designer with best
combination of fast switching, low on-resistance and
cost-effectiveness. The TSOP-6 package is universally
used for all commercial-industrial surface mount applications.
FEATURES
Low on-resistance
Capable of 2.5V gate drive
Low drive current
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
VGS=4.5V, TA = 25°C
6
Continuous Drain Current
3
VGS=4.5V, TA = 70°C
ID
4.8
A
Pulsed Drain Current
1
IDM
20
A
Power Dissipation
PD
1.14
W
Maximum Junction to Ambient
3
RθJA
110
°C / W
Linear Derating Factor
0.01
W / °C
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
G
G
S
S
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6


Similar Part No. - STT8205S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
STT8205S VBSEMI-STT8205S Datasheet
1Mb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT8205S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com