Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMMD032 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # UMMD032
Description  0.3 A Surface Mount Schottky Barrier Rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UMMD032 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  UMMD032 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH UMMD032 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Elektronische Bauelemente
UMMD032 THRU UMMD034
VOLTAGE 20 V ~ 40 V
0.3 A Surface Mount Schottky Barrier Rectifiers
05-May-2007 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
0
10
1
100
5
10
15
20
1000
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
0.1
0.2
0.4
0.3
50
75
100
150
25
125
0
LEAD TEMPERATURE, (
o
C)
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
1.0
1.5
2.0
2.5
0.5
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE VR (V)
0.10
0.01
0
1.0
10
100
1000
TJ=100
oC
TJ=25
oC
10
20
30
40
0
0.1
1000
1
10
100
0.1
0.2
0.3
0.4
0.5
0.7
0.6
FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
o
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com