Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMMD034 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # UMMD034
Description  0.3 A Surface Mount Schottky Barrier Rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

UMMD034 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  UMMD034 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH UMMD034 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Elektronische Bauelemente
UMMD032 THRU UMMD034
VOLTAGE 20 V ~ 40 V
0.3 A Surface Mount Schottky Barrier Rectifiers
05-May-2007 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
E
D
A
C
B
F
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
0603
FEATURES
Lead less chip form, no lead damage
Lead-free solder joint, no wire bond & lead frame
Low power loss, High efficiency
High current capability, low VF
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
APPLICATION
Switching mode power supply applications
Portable equipment battery applications
General rectification
DC / DC converter
Telecommunication
MECHANICAL DATA
Case: Packed with FRP substrate and epoxy underfilled
Terminals: Pure tin-plated (lead-free), solderable per MIL-STD-750, method 2026.
Polarity: Laser cathode band marking
Weight : 0.003 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C)
TYPE NUMBER
SYMBOL
UMMD032
UMMD034
UNITS
Peak Repetitive Peak reverse voltage
VRRM
20
40
V
Maximum Average Forward Current (See Fig. 1)
IF(AV)
0.3
A
Peak Forward Current @ 8.3 ms half sine-wave
IFSM
2.0
A
Maximum Forward Voltage (Note 1)
IF = 0.3 A
0.50
V
Typical Forward Voltage (Note 1)
IF = 0.1 A
IF = 0.2 A
IF = 0.3 A
VF
0.38
0.43
0.47
V
Maximum Repetitive Peak Reverse Current (Note 1)
At VR = 10V. TA = 25 °C
20
Typical Repetitive Peak Reverse Current (Note 1)
At VR = Max. VRRM, TA = 25 °C
IRRM
50
uA
Typical Thermal Resistance – Junction to Ambient (Note 2)
RθJA
160
Typical Thermal Resistance – Junction to Lead (Note 2)
RθJL
110
°C / W
Junction Capacitance
CJ
35
pF
Operating Temperature Range
TJ
-55 ~ + 125
°C
Storage temperature
TSTG
-65 ~ + 150
°C
NOTES:
1. Pulse test width PW = 300 μsec, 1% duty cycle.
2. Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0 mm) copper pad areas.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
E
0.30
0.40
B
0.80
1.00
F
R 0.20
C
0.70 TYP.
G
0.05 REF.
D
0.50
0.80


Similar Part No. - UMMD034

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMMD032 SECOS-UMMD032_15 Datasheet
786Kb / 8P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - UMMD034

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SMP1240 SECOS-SMP1240 Datasheet
65Kb / 1P
12 A Surface Mount Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com