Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIB0502MP Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIB0502MP
Description  MOLDED POWER CHOKE COIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIB0502MP Datasheet(HTML) 2 Page - Superworld Electronics

  PIB0502MP Datasheet HTML 1Page - Superworld Electronics PIB0502MP Datasheet HTML 2Page - Superworld Electronics PIB0502MP Datasheet HTML 3Page - Superworld Electronics PIB0502MP Datasheet HTML 4Page - Superworld Electronics PIB0502MP Datasheet HTML 5Page - Superworld Electronics PIB0502MP Datasheet HTML 6Page - Superworld Electronics PIB0502MP Datasheet HTML 7Page - Superworld Electronics PIB0502MP Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
0
( µH )
@ 0 A
DCR
Typ. @ 25° C
( m )
Irms
( A )
( A )
Isat
Typ.
Typ.
DCR
( m )
Max. @ 25° C
MOLDED POWER CHOKE COIL
PIB0502MP SERIES
25.02.2011
PIB0502MP1R0MN
1.00 ± 20%
17.4
7.0
11
20
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIB0502MPR68MN
0.68 ± 20%
12.5
10
12
14.5
PIB0502MP4R7MN
4.70 ± 20%
72
3.2
4.5
85
PIB0502MP3R3MN
3.30 ± 20%
40
4.2
5.0
48
PIB0502MP2R2MN
2.20 ± 20%
28
5.0
6.5
33
PIB0502MP6R8MN
6.80 ± 20%
96
3.0
3.8
112
PIB0502MP5R6MN
5.60 ± 20%
94
3.2
4.0
108
HF
Halogen
Free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com