Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIB0502MP3R3MN Datasheet(PDF) 7 Page - Superworld Electronics

Part # PIB0502MP3R3MN
Description  MOLDED POWER CHOKE COIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIB0502MP3R3MN Datasheet(HTML) 7 Page - Superworld Electronics

  PIB0502MP3R3MN Datasheet HTML 1Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 2Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 3Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 4Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 5Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 6Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 7Page - Superworld Electronics PIB0502MP3R3MN Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 7
10. PACKAGING INFORMATION :
Ko
t
4.0
Ø1.5
2.0
Bo(mm)
6.2± 0.1
10-3. Packaging Quantity
PIB0502MP
Series
Ao(mm)
5.5± 0.1
5.5± 0.1
F(mm)
Ao
P(mm)
8.0± 0.1
Ko(mm)
2.3± 0.1
W(mm)
12.0± 0.3
P
0.35± 0.05
t(mm)
10-2 Tape Dimension
12.0± 0.5
A(mm)
13" x 12mm
Type
100± 2.0
B(mm)
D(mm)
13.5± 0.5
330
C(mm)
EMBOSSED CARRIER
A
COVER TAPE
10-1. Reel Dimension
0502
24000
6000
Carton
Chip / Reel
Inner Box
Size
3000
2.0± 0.5
25.02.2011
MOLDED POWER CHOKE COIL
PIB0502MP SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
HF
Halogen
Free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com