Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L811HW-R68MF-15 Datasheet(PDF) 5 Page - Superworld Electronics

Part # L811HW-R68MF-15
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L811HW-R68MF-15 Datasheet(HTML) 5 Page - Superworld Electronics

  L811HW-R68MF-15 Datasheet HTML 1Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 2Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 3Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 4Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 5Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 6Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 7Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 8Page - Superworld Electronics L811HW-R68MF-15 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
30.08.2010
L811HW SERIES
8. CHARACTERISTICS CURVES :
HIGH CURRENT MOLDED POWER INDUCTORS
0
4 .4
8.8
13.2
17.6
22
DC CURREN T(A )
0
0.6
1.2
1.8
2.4
3
0
10
20
30
40
50
60
70
80
90
100
SMPI 100 4H W-1 R5
L811HW -1R5MF
L811HW-1R5MF-
0
4.8
9.6
14.4
19.2
24
DC CURRENT(A)
0
0.8
1.6
2.4
3.2
4
0
10
20
30
40
50
60
70
80
90
100
SMPI1004HW-2R2
L811HW -2R2MF
L811HW-2R2MF-
04
8
12
16
DC CURRENT (A)
0
1.2
2.4
3.6
4.8
6
0
10
20
30
40
50
60
70
80
90
100
SMPI1004H W-3R3
L811HW -3R3MF
L811HW-3R3MF-
0
2.8
5.6
8.4
11.2
14
DC CURRE NT(A)
0
1.6
3.2
4.8
6.4
0
10
20
30
40
50
60
70
80
90
100
SMPI1004HW -4 R7
L811HW -4R7MF
L811HW-4R7MF-
0
2.2
4.4
6.6
8.8
11
DC CURRE NT(A )
0
2.4
4.8
7.2
9.6
12
0
10
20
30
40
50
60
70
80
90
100
SM PI1004H W-6R8
L811HW -6R8MF
L811HW-6R8MF-
0
1.8
3.6
5.4
7.2
9
DC CU RR ENT(A)
0
2.4
4.8
7.2
9.6
12
0
10
20
30
40
50
60
70
80
90
100
S MP I1004H W-100
L811HW-100MF
L811HW-100MF-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com