Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L811HW-R68MF-16 Datasheet(PDF) 7 Page - Superworld Electronics

Part # L811HW-R68MF-16
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L811HW-R68MF-16 Datasheet(HTML) 7 Page - Superworld Electronics

Back Button L811HW-R68MF-16 Datasheet HTML 2Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 3Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 4Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 5Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 6Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 7Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 8Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 9Page - Superworld Electronics L811HW-R68MF-16 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
30.08.2010
L811HW SERIES
10. RELIABILITY AND TEST CONDITION :
TEST CONDITION
PERFORMANCE
ITEM
directions (Total 6 hours).
10±0.5
seconds
60
seconds
defects harmful to the characteristics should not
No disconnection or short circuit.
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
Appearance : Cracking, shipping and any other
be allowed.
Random Vibration Test
Humidity Resistance
No disconnection or short circuit.
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
Low Temperature
Thermal Shock
Life Test
Reliability Test
High Temperature
Life Test
+125±3
330±3
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
Within 3
Applied Current : Rated Curent
Time : 500±12 hours
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
Total : 5 cycles
Temperature : 40±5°C
Humidity : 90% to 95%
Room Temperature
4
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
30±3
Within 3
Times (min.)
Temperature : -55±5°C
Time : 500±12 hours
Conditions of 1 cycle.
Room Temperature
Temperature (°C)
Step
2
1-55±3
Temperature : 125±5°C
Time : 500±12 hours
should be covered with solder.
1. Appearance : No significant abnormality
2. Inductance change : Within ±20%
Solder Heat Resistance
Preheating
260°C
150°C
Natural
Dipping
cooling
60
seconds
Preheating
150°C
245°C
4±1
seconds
Dipping
cooling
Natural
More than 90% of the terminal electrode
Refer to standard electrical characteristics list
Saturation Current (Isat)
Mechanical Performance Test
Solderability Test
Heat Rated Current (Irms)
Electrical Characteristics Test
DCR
Inductance
Solder : Sn99.95-Cu0.05
Preheat : 150°C, 60sec.
Dip Time : 10±0.5sec.
Solder Temperature : 260±5°C
Flux for lead free : rosin
Solder : Sn99.95-Cu0.05
Solder Temperature : 245±5°C
Dip Time : 4±1sec.
Flux for lead free : rosin
2. Temperature measured by digital surface thermometer
Isat(A) will cause Lo to drop approximately 20% typ.
CH16502, Agilent33420A Micro-Ohm Meter.
HP4284A, CH11025, CH3302, CH1320, CH1320S
approximately
T=40°C without core loss
Irms(A) will cause the coil temperature rise
1. Applied the allowed DC current
Preheat : 150°C, 60sec.
LCR meter.
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com